PART |
Description |
Maker |
ISD1730 |
(ISD1700 Series) Multi-Message Single-Chip Voice Record and Playback Devices
|
Winbond Electronics
|
APR9301-V2 |
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
|
APLUS[Apuls Intergrated Circuits]
|
APR-00 APR9600 |
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
|
Aplus Intergrated Circuits Apuls Intergrated Circuits Aplus Integrated Circuits
|
ISD14B20 ISD14B20X |
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
|
Winbond
|
ISD14B20 |
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
|
http://
|
585-3211 585-3213 585-3215 585-3221 585-3225 585-3 |
Multi-Chip BASED LED T1 3/4 Bi-Pin 585 SERIES BASED LEDs-MULTI-CHIP SINGLE COLOR DISPLAY CLUSTER, RED, 5.9 mm
|
Dialight Corporation Dialight PLC
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
SP507CB SP507CF SP507 |
5V, Single Chip WAN Multi-Mode Serial Transceiver
|
SIPEX[Sipex Corporation]
|
585-1421 585-1215 585-1221 585-1223 585-1311 585-1 |
Multi-Chip BASED LED T1 3/4 Midget Flange BASED LEDs-MULTI-CHIP SINGLE COLOR DISPLAY CLUSTER, YELLOW, 6.1 mm Multichip LED; LED Color:Red; Luminous Intensity:56mcd; Forward Current:14mA; Color:Red; Leaded Process Compatible:No; Mounting Type:Midget Flange; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
Dialight Corporation Dialight PLC
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
RTL8201CP RTL8201CP-VD-LF RTL8201CP-LF |
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover) SINGLE-CHIP/SINGLE-PORT0/100M快速以太网PHYCEIVER(自动交叉)
|
Electronic Theatre Controls, Inc.
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|